Part Number Hot Search : 
UF200G M41T00 AN7420 360H1 DL4446 MKP5100A M41T00 ZL50020
Product Description
Full Text Search
 

To Download XP06211 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Composite Transistors
XP06211 (XP6211)
Silicon NPN epitaxial planar type
(0.425)
For switching/digital circuits
0.20.05
Unit: mm
0.12+0.05 -0.02
Features
* Two elements incorporated into one package (Transistors with built-in resistor) * Reduction of the mounting area and assembly cost by one half
6
5
4 1.250.10 2.10.1
1
2
3
Basic Part Number
* UNR2211 (UN2211) x 2
10
(0.65) (0.65) 1.30.1 2.00.1
0.90.1
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Collector current Total power dissipation Junction temperature Storage temperature
Symbol VCBO VCEO IC PT Tj Tstg
Rating 50 50 100 150 150 -55 to +150
Unit V V mA mW C C
1: Emitter (Tr1) 2: Emitter (Tr2) 3: Base (Tr2) EIAJ : SC-88
0 to 0.1
Marking Symbol: 7Z Internal Connection
6 5 4 Tr2 Tr1
Electrical Characteristics Ta = 25C 3C
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Collector-base cutoff current (Emitter open) Collector-emitter cutoff current (Base open) Emitter-base cutoff current (Collector open) Forward current transfer ratio Collector-emitter saturation voltage Output voltage high-level Output voltage low-level Input resistance Resistance ratio Transition frequency Symbol VCBO VCEO ICBO ICEO IEBO hFE VCE(sat) VOH VOL R1 R1 / R 2 fT VCB = 10 V, IE = -2 mA, f = 200 MHz Conditions IC = 10 A, IE = 0 IC = 2 mA, IB = 0 VCB = 50 V, IE = 0 VCE = 50 V, IB = 0 VEB = 6 V, IC = 0 VCE = 10 V, IC = 5 mA IC = 10 mA, IB = 0.3 mA VCC = 5 V, VB = 0.5 V, RL = 1 k VCC = 5 V, VB = 2.5 V, RL = 1 k
1
2
0.9+0.2 -0.1
Absolute Maximum Ratings Ta = 25C
4: Collector (Tr2) 5: Base (Tr1) 6: Collector (Tr1) SMini6-G1 Package
3
Min 50 50
Typ
Max
Unit V V A A mA
0.1 0.5 0.5 35 0.25 4.9 0.2 -30% 0.8 10 1.0 150 +30% 1.2
V V V k MHz
Note) Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
Note) The part number in the parenthesis shows conventional part number.
Publication date: June 2003 SJJ00206BED
0.20.1
5
1
XP06211
PT Ta
250
160 IB = 1.0 mA 0.9 mA 0.8 mA Ta = 25C
IC VCE
Collector-emitter saturation voltage VCE(sat) (V)
100
VCE(sat) IC
IC / IB = 10
Total power dissipation PT (mW)
Collector current IC (mA)
200
120
0.7 mA 0.6 mA 0.5 mA 0.4 mA
10
150
80
0.3 mA
1 25C 0.1 -25C
100
0.2 mA 40
Ta = 75C
50
0.1 mA
0
0
0
40
80
120
160
0
2
4
6
8
10
12
0.01 0.1
1
10
100
Ambient temperature Ta (C)
Collector-emitter voltage VCE (V)
Collector current IC (mA)
hFE IC
Collector output capacitance C (pF) (Common base, input open circuited) ob
400 VCE = 10 V
6
Cob VCB
f = 1 MHz IE = 0 Ta = 25C
IO VIN
104 VO = 5 V Ta = 25C
Forward current transfer ratio hFE
5
4
200 25C 100 -25C
3
Output current IO (A)
1 10 100
300
Ta = 75C
103
102
2
10
1
0
1
10
100
1 000
0 0.1
1 0.4
0.6
0.8
1.0
1.2
1.4
Collector current IC (mA)
Collector-base voltage VCB (V)
Input voltage VIN (V)
VIN IO
100 VO = 0.2 V Ta = 25C
Input voltage VIN (V)
10
1
0.1
0.01 0.1
1
10
100
Output current IO (mA)
2
SJJ00206BED
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the product or technologies as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd.
2002 JUL


▲Up To Search▲   

 
Price & Availability of XP06211

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X